PART |
Description |
Maker |
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
P3BU-2405E P3BU-0505E P3BU-0512E P3BU-053R3E P3BU- |
Input voltage:5V, output voltage 7.2V (70mA), 1KV isolated 0.5W unregulated single output P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8 P3BU - XXXXE 1KV交隔,5糯未稳压单输出DIP8
|
PEAK[PEAK electronics GmbH]
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
NME2412D NME2412S NME2415D NME4815S NME NME2405D N |
Isolated 1W Single Output DC-DC Converters 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
B0505LS-1W |
FIXED INPUT ISOLATED & UNREGULATED
1W OUTPUT SINGLE OUTPUT
MINIATURE SIP(DIP) PACKAGE
|
MORNSUN
|
P7BU-XXXXE P7BU-0505E P7BU-0512E P7BU-0515E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔.25糯未稳压单输出DIP8 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔1.25糯未稳压单输出DIP8
|
PEAK[PEAK electronics GmbH] http://
|
NTE0312M-R NTE0512M-R NTE1212M-R NTE0515M-R NTE030 |
Isolated 1W Single Output SM DC/DC Converters
|
C&D Technologies
|
NDTS4803C NDTS4805C NDTS4812C NDTS4815C |
Isolated 3W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
NMG0512SC KDCNMG NMG0505SC NMG0515SC NMG0509SC |
Isolated 2W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|